Part Number Hot Search : 
MTRS9080 F200A50 0430452 FSB50325 S3GRYBL TRRPB 3KP75A S1808
Product Description
Full Text Search
 

To Download SSN16A1002AL13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S SERIES
Thin Film Resistor Network Isolated and Bussed Circuits RoHS compliant available
FEATURES
Precision Nichrome Resistors on Silicon Industry Standard Packaging Ratio Tolerances TCR Tracking Tolerances JEDEC 95 < 0.05% < 5 ppm/ C
SCHEMATICS
ELECTRICAL1
Standard Resistance Range, Ohms Resistor Tolerances Ratio Tolerances TCR Operating Temperature Range Interlead Capacitance Insulation Resistance Maximum Operating Voltage Noise, Maximum (MIL-STD-202, Method 308) Resistor Power Rating at 70 C
2
1K to 100K (Isolated) 1K to 30K (Bussed) 0.1% 0.05% Reference TCR table -55C to +125C <2pF 10,000 Megohms 100Vdc or PR -25dB 0.1 watts
1 2
Specifications subject to change without notice. E24 codes available.
BI Technologies Corporation 4200 Bonita Place Fullerton, CA 92835 USA Website: www.bitechnologies.com
August 25, 2006 page 1 of 3
BI technologies
Nichrome on Silicon
PACKAGE POWER, WATTS @ 70C3
QSOP 16 0.75 20 1.0 24 1.0 8 0.4 SOIC (Narrow) 14 0.7 16 0.8 16 1.0 SOIC (Wide) 20 1.2 24 1.2 8 0.4 P-DIP 14 0.6 16 0.8
DERATING POWER DERATING CURVE
(MILENVIRONMENTAL (MIL-R-83401)
Thermal Shock plus Power Conditioning Short Time Overload Terminal Strength Moisture Resistance Mechanical Shock Vibration Low Temperature Operation High Temperature Exposure Resistance to Solder Heat Marking Permanency Flammability Storage Temperature Range R 0.1% R 0.1% R 0.1% R 0.1% R 0.1% R 0.1% R 0.05% R 0.1% R 0.1% Per MIL-STD-202, Method 215 UL-94V-0 Rated -55C to +125C
MECHANICAL
Lead Plating Lead Material Lead Configuration Lead Coplanarity Substrate Material Resistor Material Body Material 80/20 Tin Lead (Standard) 100 matt Tin (RoHS) Copper Alloy Gull Wing 0.004" (0.102 mm) Silicon Passivated Nichrome Molded Epoxy
3
Power per resistor @ 70 Maximum is 100 mW, not to exceed package power C,
BI Technologies Corporation 4200 Bonita Place Fullerton, CA 92835 USA Website: www.bitechnologies.com
August 25, 2006 page 2 of 3
BI technologies
Nichrome on Silicon
ORDERING INFORMATION4
S QS 16 A XXXX F S LF 13
Model Series: S = Passivated Nichrome on Silicon Package Type: Lead Count: Circuit Type: A=Isolated B=Bussed Resistance Code Packaging Option: 7=7" Tape & Reel 13 = 13" Tape & Reel (No Code used for Tubes) Lead Finish: No Code=SnPb LF=Lead Free TCR Code Tolerance Code
PACKAGE TYPE
Package Codes QSOP SOIC Narrow Body SOIC Wide Body P-DIP QS SN SW PD Lead count 16,20, 24 8, 14, 16 16 8, 14, 16 Mechanical Outline MO-137 MS-012 MS-013 MS-001
5
RESISTANCE6
First 3 digits are significant. Fourth digit denotes number of trailing zeros. For values less than 100, use "R" to denote a decimal point. Example, 51 and 10000 ohms is coded as 51R0 and 1002 respectively.
TOLERANCE RESISTANCE TOLERANCE5
Accuracy Code at 25 C Absolute Resistance Tolerances (%) Ratio Tolerances (R1 Ref) (%) A 0.1 0.05 B 0.1 0.1 D 0.5 0.1 F 1.0 1.0 G 2.0 N/A J 5.0 N/A
TEMPERATURE COEFFICIENT OF RESISTANCE (TCR)7 COEFFICIENT (TCR)
TCR Code (-55 to 125 C C) Absolute (ppm/ C) Tracking (R1 Ref) (ppm/ C) Q 25 5 P 50 5 S 100 N/A L 200 N/A
4 5 6 7
Contact customer service for custom designs and features. JEDEC (Publication 95) Reference only. Consult factory for custom resistance values. Consult factory for custom tolerance values.
BI Technologies Corporation 4200 Bonita Place Fullerton, CA 92835 USA Website: www.bitechnologies.com
August 25, 2006 page 3 of 3
BI technologies


▲Up To Search▲   

 
Price & Availability of SSN16A1002AL13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X